Part Number Hot Search : 
E000403 K550CSM 5723P MAX3006E FAN7040 3843A CS838 2SD1415
Product Description
Full Text Search
 

To Download APTL3216SGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.6mm SMD CHIP LED LAMP PRELIMINARY SPEC
Part Number: APTL3216SGC Super Bright Green
Features
3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH7934 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/27/2007 DRAWN: C.WANG
PAGE: 1 OF 5 ERP: 1203004620
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APTL3216SGC Super Bright Green (GaP) WATER CLEAR 10 Typ. 30 Viewing Angle [1] 21/2 70
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Green 62.5 25 140 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAH7934 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/27/2007 DRAWN: C.WANG
PAGE: 2 OF 5 ERP: 1203004620
Super Bright Green
APTL3216SGC
SPEC NO: DSAH7934 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/27/2007 DRAWN: C.WANG
PAGE: 3 OF 5 ERP: 1203004620
APTL3216SGC
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH7934 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/27/2007 DRAWN: C.WANG
PAGE: 4 OF 5 ERP: 1203004620
PACKING & LABEL SPECIFICATIONS
APTL3216SGC
SPEC NO: DSAH7934 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: SEP/27/2007 DRAWN: C.WANG
PAGE: 5 OF 5 ERP: 1203004620


▲Up To Search▲   

 
Price & Availability of APTL3216SGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X